Part Number Hot Search : 
SB151M W78E5 SQ4410EY LVDS3 75000 T8200 1V0DS00 D74LV
Product Description
Full Text Search
 

To Download 0402HP-5N6XGLW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? coilcraft, inc. 2010 specifications subject to change without notice. please check our website for latest information. chip inductors - 0402hp series (1005) document 526 -1 document 526-1 revised 10/15/10 ? higher q and lower dcr than other 0402 inductors ? very high srf values ? as high as 16 ghz ? excellent current handling capability ? up to 2300 ma ? 52 inductance values from 1.0 to 220 nh core material ceramic terminations rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. weight 0.7 ? 1.0 mg ambient temperature ?40c to +125c with i rms current, +125c to +140c with derated current storage temperature component: ?40c to +140c. packaging: ?40c to +80c resistance to soldering heat max three 40 second reflows at +260c, parts cooled to room temperature between cycles temperature coefficient of inductance (tcl) +25 to +125 ppm/c moisture sensitivity level (msl) 1 (unlimited floor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) one per billion hours / one billion hours, calculated per telcordia sr-332 packaging 2000 per 7 reel. paper tape: 8 mm wide, 0.66 mm thick, 2 mm pocket spacing pcb washing only pure water or alcohol recommended 0 60 50 40 30 20 10 70 80 inductance (nh) 1 10 100 1000 10000 frequency (mhz) 51 nh 39 nh 27 nh 11 nh 2.0 nh 68 nh typical l vs frequency 0 60 50 40 30 20 10 70 80 90 100 110 120 q factor 1 10 100 1000 10000 frequency (mhz) 68 nh 51 nh 39 nh 27 nh 11 nh 2.0 nh typical q vs frequency current derating -40 -20 0 20 40 60 80 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 percent of rated rms i 25c a b overall c d j f f g h recommended land pattern e terminal terminal wraparound: approx 0.007/0,18 both ends i i pick and place material de fgh i j 0.010 0.020 0.008 0.024 0.026 0.014 0.020 inches 0,25 0,51 0,20 0,61 0,66 0,36 0,51 mm a max b (min ? max) c max 0.043 0.020 ? 0.028 0.024 inches 1,09 0,51 ? 0,71 0,61 mm 0402hp a max b c max 0.044 0.026 0.002 0.026 inches 1,12 0,66 0,051 0,66 mm 0402hph
? coilcraft, inc. 2010 0402hp series (1005) specifications subject to change without notice. please check our website for latest information. document 526-2 document 526-2 revised 10/15/10 inductance 2 percent test freq 900 mhz 1.7 ghz srf typ 5 dcr max 6 i rms 7 part number 1 (nh) tolerance 3 (mhz) l typ q typ 4 l typ q typ 4 (ghz) (ohms) (ma) 0402hp-1n0xjl_ 1.0 5 250 0.97 46 0.99 72 16.0 0.030 2300 0402hp-2n0xjl_ 2.0 5 250 1.96 58 1.98 85 15.2 0.038 2100 0402hp-2n2xjl_ 2.2 5 250 2.17 60 2.17 86 15.1 0.038 2100 0402hp-2n4x_l_ 2.4 5,2 250 2.37 60 2.38 83 14.0 0.042 2000 0402hp-2n7x_l_ 2.7 5,2 250 2.66 62 2.68 85 13.0 0.056 1500 0402hp-3n3x_l_ 3.3 5,2 250 3.26 66 3.28 95 12.8 0.045 1700 0402hp-3n6x_l_ 3.6 5,2 250 3.56 65 3.58 94 11.7 0.045 1700 0402hp-3n9x_l_ 3.9 5,2 250 3.87 64 3.91 98 9.50 0.045 1700 0402hp-4n3x_l_ 4.3 5,2 250 4.26 63 4.33 90 7.15 0.040 1600 0402hp-4n7x_l_ 4.7 5,2 250 4.67 58 4.74 83 6.85 0.060 1500 0402hp-5n1x_l_ 5.1 5,2 250 5.07 54 5.16 76 6.80 0.100 1200 0402hp-5n6x_l_ 5.6 5,2 250 5.56 73 5.66 105 6.50 0.048 1600 0402hp-6n2x_l_ 6.2 5,2 250 6.18 73 6.25 100 5.80 0.050 1600 0402hp-6n8x_l_ 6.8 5,2 250 6.78 68 6.97 94 5.80 0.055 1500 0402hp-7n5x_l_ 7.5 5,2 250 7.49 60 7.77 82 5.40 0.080 1400 0402hp-8n2x_l_ 8.2 5,2 250 8.10 68 8.40 95 5.40 0.054 1500 0402hp-8n7x_l_ 8.7 5,2 250 8.73 66 9.04 95 5.00 0.058 1500 0402hp-9n0x_l_ 9.0 5,2 250 8.99 67 9.21 92 5.00 0.070 1400 0402hp-9n5x_l_ 9.5 5,2 250 9.52 64 9.97 90 4.70 0.075 1400 0402hp-10nx_l_ 10 5,2 250 9.98 62 10.4 90 4.70 0.085 1300 0402hp-11nx_l_ 11 5,2 250 11.0 68 11.6 98 4.70 0.065 1400 0402hp-12nx_l_ 12 5,2 250 12.0 66 12.6 100 4.40 0.070 1200 0402hp-13nx_l_ 13 5,2 250 13.1 62 13.9 82 4.20 0.140 870 0402hp-15nx_l_ 15 5,2 250 15.1 62 16.0 85 3.90 0.078 1100 0402hp-16nx_l_ 16 5,2 250 16.2 57 17.3 77 3.70 0.130 850 0402hp-18nx_l_ 18 5,2 250 18.2 58 19.5 74 3.55 0.120 900 0402hp-19nx_l_ 19 5,2 250 19.2 61 20.7 88 3.50 0.145 850 0402hp-20nx_l_ 20 5,2 250 20.3 58 22.0 76 3.50 0.155 780 0402hp-21nx_l_ 21 5,2 250 21.3 48 23.2 62 1.70 0.460 450 0402hp-22nx_l_ 22 5,2 250 22.3 60 24.4 74 3.30 0.160 800 0402hp-23nx_l_ 23 5,2 250 23.3 60 25.5 77 3.30 0.160 800 0402hp-24nx_l_ 24 5,2 250 24.5 55 27.1 71 3.15 0.170 700 0402hp-25nx_l_ 25 5,2 250 25.5 57 28.3 73 3.15 0.250 700 0402hp-26nx_l_ 26 5,2 250 26.6 56 29.3 74 3.15 0.275 700 0402hp-27nx_l_ 27 5,2 250 27.3 62 29.5 86 3.20 0.330 450 0402hp-30nx_l_ 30 5,2 250 30.8 61 35.0 87 2.90 0.330 450 0402hp-33nx_l_ 33 5,2 250 34.0 61 38.3 80 2.80 0.330 490 0402hp-36nx_l_ 36 5,2 250 37.1 59 42.2 76 2.80 0.360 480 0402hp-37nx_l_ 37 5,2 250 38.2 57 44.0 72 2.70 0.480 470 0402hp-39nx_l_ 39 5,2 250 40.5 56 47.0 84 2.60 0.430 450 0402hp-40nx_l_ 40 5,2 250 41.3 56 47.4 75 2.60 0.430 450 0402hp-43nx_l_ 43 5,2 250 45.0 52 54.1 68 2.50 0.520 450 0402hp-47nx_l_ 47 5,2 250 49.0 48 58.9 62 2.40 0.580 420 0402hp-51nx_l_ 51 5,2 250 49.1 52 58.8 59 2.30 0.700 360 0402hph-56nx_l_ 56 5,2 250 58.8 56 72.2 64 2.07 0.900 330 0402hph-68nx_l_ 68 5,2 250 72.2 56 91.4 64 1.84 1.00 320 0402hph-82nx_l_ 82 5,2 250 89.7 52 ? ? 1.75 1.10 315 0402hph-r10x_l_ 100 5,2 250 ? ? ? ? 1.58 1.20 310 0402hph-r12x_l_ 120 5,2 250 ? ? ? ? 1.25 1.20 310 0402hph-r15x_l_ 150 5,2 100 ? ? ? ? 1.14 2.0 240 0402hph-r18x_l_ 180 5,2 100 ? ? ? ? 1.08 2.1 240 0402hph-r22x_l_ 220 5,2 100 ? ? ? ? 0.96 3.1 160 1. when ordering, specify tolerance , termination and packaging codes: 0402hp-82nx jlw tolerance: g = 2% j = 5% (table shows stock tolerances in bold.) termination: l = rohs compliant silver-palladium-platinum-glass frit. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: w =7 machine-ready reel. eia-481 punched paper tape (2000 parts per full reel). u = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter w instead. 2. inductance measured at test frequency using a coilcraft smd-f fixture in an agilent/hp 4286 impedance analyzer with coilcraft-provided correlation pieces. 3. tolerances in bold are stocked for immediate shipment. 4. q measured using an agilent/hp 4287a with an agilent/hp 16197 test fixture. 5. srf measured using an agilent/hp 8722es network analyzer and a coilcraft smd-d test fixture. 6. dcr measured on a micro-ohmmeter and a coilcraft ccf858 test fixture. 7. current that causes a 15c temperature rise from 25c ambient. 8. electrical specifications at 25c. refer to doc 362 ?soldering surface mount components? before soldering. designer?s kits c403a and b contain 20 each of 5% values designer?s kits c403a-2 and b-2 contain 20 each of 2% values


▲Up To Search▲   

 
Price & Availability of 0402HP-5N6XGLW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X